Part Number Hot Search : 
6039039 015P1 WJA1025 LT1397CS ANTXV MMC4007 6012M2 FSB505
Product Description
Full Text Search
 

To Download SMP1331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203720a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? sep tember 21, 2015 1 data sheet SMP1331 series: low capacitance, plastic packaged pin diodes applications ? high-performance wireless switches ? low-distortion attenuators features ? capacitance: 0.18 pf typical @ 30 v ? series resistance: 1.7 typical @ 10 ma ? packages rated msl1, 260 ? c per jedec j-std-020 s kywork s green tm product s are compliant with all applicable legi s lation and are halogen-free. for additional information, refer to skyworks de?nition of green tm , document number s q04C0074. description the SMP1331 series of plastic packaged, surface mountable pin diodes is designed for use in high volume switch applications from 10 mhz to more than 10 g hz. the low capacitance of these diodes (0.18 pf), combined with a low resistance (1.7 typical at 10 ma), makes the SMP1331 series particularly suited to high isolation, series-connected pin diode switches in battery operated circuits. the SMP1331 series is available in a selection of plastic packages and a variety of configurations that include a small footprint sc-79, a low inductance sot-23, and a miniature sod- 882. table 1 describes the various packages and marking of the SMP1331 series.
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 2 september 21, 2015 ? skyworks proprietar y information ? products and product information are s ubject to change without no tice ? 203720a table 1. SMP1331 series packaging and marking common anode common cathode single single sot-23 sot-23 sc-79 g reen? sod-882 g reen? SMP1331-003lf g reen? marking: ke9 ? SMP1331-004lf g reen? marking: ke3 SMP1331-079lf marking: cathode and ke SMP1331-040lf marking: ke1 l s = 1.5 nh l s = 1.5 nh l s = 0.7 nh l s = 0.45 nh t he pb-free symbol or lf in the part number denotes a l ead-free, rohs-compliant pac kage unless otherwise noted as g reen?. tin/lead (sn/pb) packaging is not recommended for new designs. electrical and mechanical specifications the part number and configuration for the SMP1331 series are provided in table 1. the absolute maximum ratings of the SMP1331 series are provided in table 2. electrical specifications are provided in table 3. typical performance characteristics of the SMP1331 series are illustrated in figures 1 to 3. package dimensions package dimensions are shown in figures 4 to 8 (even numbers), and tape and reel dimensions are provided in figures 5 to 9 (odd numbers). package and handling information instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. the SMP1331 series is rated to moisture sensitivity level 1 (msl1) at 260 ? c. it can be used for lead or lead-free soldering. for additional information, refer to the skyworks application note, solder reflow information , document number 200164. care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. production quantities of this product are shipped in a standard tape and reel format.
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203720a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? sep tember 21, 2015 3 table 2. SMP1331 series absolute maximum ratings (per junction) (note 1) parameter symbol minimum maximum units reverse voltage v r 200 v power dissipation @ 25 c lead temperature p d 250 mw storage temperature t st g C65 +150 ? c operating temperature t a C65 +150 ? c electrostatic discharge: human body model (hbm), class 1a esd 500 v note 1: exposure to maximum rating conditions for extended periods may reduce device reliability. there is no damage to device with on ly one parameter set at the limit and all other parameters set at or below their nominal value. exceeding any of the limits listed here may result in permanent damage to the d evice. caution : although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this devi ce must be protected at all times from esd. static charges may eas ily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions should be used at all times. table 3. SMP1331 series electrical speci fications (per junction) (note 1) (t a = +25 ? c, unless otherwise noted) parameter symbol test condition min typical max units reverse current i r v r = 200 v 10 a capacitance c t f = 1 mhz, v = 30 v 0.18 0.35 pf resistance r s f = 100 mhz: r s @ 1.0 ma r s @ 10.0 ma r s @ 100.0 ma 1.7 0.5 14.5 forward voltage v f i f = 10 ma 0.80 v carrier lifetime ti i f = 10 ma 0.6 s i region width 30 m note 1: performance is guaranteed only under the conditions listed in this table.
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 4 september 21, 2015 ? skyworks proprietar y information ? products and product information are s ubject to change without no tice ? 203720a typical performance characteristics (per junction) y23 69 0.1 1.0 10.0 100.0 0.1 1 10 100 s erie s re s i s tance ( ) forward c urrent (ma) figure 1. series resistance vs current @ 100 mhz 0.2 0.3 0.4 0.5 0. 6 0.7 0.8 0. 9 1.0 0.1 1 10 100 forward voltage (v) forward c urrent (ma) y23 6 8 figure 2. dc characteristics y2370 0 0.05 0.1 0.15 0.2 0.25 0.3 0 5 10 15 20 25 30 35 40 c apacitance (pf) rever s e voltage (v) figure 3. capacitance vs reverse voltage @ 1 mhz
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203720a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? sep tember 21, 2015 5 0.0 6 0 (1.50 mm) min. 0.0 6 7 (1.70 mm) max. 0.010 (0.25 mm) min. 0.014 (0.35 mm) max. 0.043 (1.10 mm) min. 0.051 (1.30 mm) max. 0.020 (0.50 mm) min. 0.028 (0.70 mm) max. 0.003 (0.07 mm) min. 0.008 (0.20 mm) max. 10 max. 10 max. 0.028 (0.70 mm) min. 0.035 (0. 9 0 mm) max. 0.00 6 (0.15 mm) min. polarity indicator area 12 s1652 dimensions are in inches (millimeters shown in parentheses) box or bar figure 4. sc-79 package dimension drawing s2 9 2 9 notes: 1. carrier tape: black conductive polycarbonate or polystyrene. 2. cover tape material: transparent conductive psa. 3. cover tape size: 5.4 mm width. 4. esd-surface resistivity is 1 x 10 8 ohms/square per eia, jedec tnr speci?cation. 5. all measurements are in millimeters. 8.00 0.20 0.22 9 0.02 (t) 3.50 0.05 a b ?1.50 0.10 ?0.50 0.05 4.00 0.10 4.00 0.10 2.00 0.05 0.80 0.05 (ko) 1. 9 5 0.05 (bo) 1.40 0.05 0.3 9 0.05 0. 9 0 0.05 (ao) 1.75 0.10 2 o max 2 max a b b a pin 1 indicator figure 5. sc-79 tape and reel dimensions
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 6 september 21, 2015 ? skyworks proprietar y information ? products and product information are s ubject to change without no tice ? 203720a 3 2 1 0.035 (0.89 mm) min. 0.044 (1.12 mm) max. 0.0005 (0.01 mm) min. 0.004 (0.10 mm) max. 0.012 (0.30 mm) min. 0.020 (0.50 mm) max. 0.003 (0.080 mm) min. 0.008 (0.20 mm) max. 8 max. 0.022 (0.55 mm) ref. 0.110 (2.80 mm) min. 0.120 (3.04 mm) max. 0.083 (2.10 mm) min. 0.104 (2.64 mm) max. 0.037 (0.95 mm) ref. 0.047 (1.20 mm) min. 0.055 (1.40 mm) max. 0.076 (1.92 mm) ref. 0.020 (0.51 mm) ref. s1389 dimensions are in inches (millimeters shown in parentheses) figure 6. sot-23 package dimension drawing notes: 1. carrier tape: black conductive polycarbonate. 2. cover tape material: transparent conductive psa. 3. cover tape size: 5.40 mm width. 4. tolerance 0.10 mm. 5. ten sprocket hole pitch cumulative tolerance: 0.2 mm. 6. all measurements are in millimeters. 7. alternative carrier tape dimensions are: ao = 3.3 bo = 2.9 ko = 1.22 3.10 (ao) 1.0 2.2 2.70 (bo) 8.00 + 0.3/C0.1 4.00 4.00 ( s ee note 5) 2.00 0.05 3.50 0.05 1.75 0.10 a a a 0.25 0.05 0.8 0.05 1.20 (ko) ?1.00 min. r 0.5 typ. pin 1 indicator ?1.5 + 0.1/C0 s16 8 4b r 0.3 max figure 7. sot-23 tape and reel dimensions
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203720a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? sep tember 21, 2015 7 notes: 1. all measurements are in millimeters. 2. dimensions and tolerances according to asme y14.5m-1994. 3. these packages are used principally for discrete devices. 4. this dimension includes stand-off height and package body thickness, but does not include attached features, e.g., external heatsink or chip capacitors. an integral heatslug is not considered an attached feature. 5. this dimension is primarily terminal plating, but does not include small metal protrusion. 0.05 2x 0.05 0.4 6 + 0.04 C0.0 6 0.05/0.00 terminal 1 0.03 c 2x 0.25 0.05 2x pin 1 indicator 0. 6 00 a 0. 6 50 c b 1.000 s eating plane 4 2x 0.50 0.05 0.10 m a b 0.10 m a b 0.325 5 y1410 figure 8. sod-882 package dimension drawing s1 9 22 a b 2.00 0.05 ? 1.55 0.05 (d0) ? 0.40 0.05 (d1) c athode indicator 0.20 1.15 0.05 (bo) 0.70 0.05 (a0) 4.00 0.10 a b b a 2.00 0.05 0.47 0.05 (ko) 1.75 0.10 3.50 0.05 8.00 0.1 notes: 1. carrier tape: black conductive polycarbonate. 2. cover tape: transparent conductive material. 3. cover tape size: 5.4 mm width. 4. esd surface resistivity is 1 x 10 4 ~ 1 x 10 8 ohms/square. 5. all dimensions are in millimeters. figure 9. sod-882 tape and reel dimensions
data sheet ? SMP1331 series: low capa citance, plastic packaged pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 8 september 21, 2015 ? skyworks proprietar y information ? products and product information are s ubject to change without no tice ? 203720a copyright ? 2015 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyw orks solutions, inc. (skyworks) products or services. these m aterials, including the information co ntained herein, are provided by skyworks as a service to its customers and may be used for info rmational purposes only by the cu stomer. skyworks assumes no res ponsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentat ion, products, services, specific ations or product descriptions at any time, without notice. skyworks makes no commitment to update the materials or information and shall have no responsi bility whatsoever for conflicts, incompatibilities, or other diff iculties arising from any future changes. no license, whether express, implied, by es toppel or otherwise, is granted to any in tellectual property rights by this document . skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, re production or use of skyworks products, information or mate rials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are pr ovided as is without warranty of any ki nd, whether express, implied, statutory, or otherwise, includin g fitness for a particular purpose or use, merchantability, performance, quality or non-infrin g ement of any intellectual property ri g ht; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, g raphics or other items contained within these ma terials. skyworks shall not be liable for any dama g es, includin g but not limited to any special, indirect, incidental, statutory, or consequential dama g es, includin g without limitation, lost revenues or lost profits that may result from the use of the materials or information, wheth er or not the recipient of mat erials has been advised of the possibility of such dama g e. skyworks products are no t intended for use in medical, lifesaving or life-su staining applications, or other equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyw orks customers using or selli ng skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications us ing skyworks products , which may deviate from published specifi cations as a result of design de fects, errors, or operation of products outside of published pa rameters or design specifications. customers sh ould include design and operating safeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product de sign, or damage to any equipment resulting from the use of skyw orks products outsid e of stated published specifications or parameters. skyworks and the skyworks symbol are trademarks or registered trad emarks of skyworks solutions, inc., in the united states and other countries. third-party brands and names are for identification purposes only, and are the pr operty of their respective owners. additi onal information, including relevant terms and conditions, posted at www.skyw orksinc.com, are incorporated by reference.


▲Up To Search▲   

 
Price & Availability of SMP1331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X